PART |
Description |
Maker |
VIM-801 |
VIM-801
|
Varitronix international limited
|
VIM-1601 |
VIM-1601
|
Varitronix international limited
|
VIM-810 |
VIM-828
|
Varitronix international limited
|
801-4234-A0 801-2031-A40 |
Kotron? Model 801 RF Capacitance Transmitter for Level/Flow/Volume
|
Magnetrol International, Inc.
|
667-217 667-218 |
Series 801 Mighty Mouse Double-Start ACME Threads
|
Glenair, Inc.
|
801-036-16M7-10PA |
Series 801 Mighty Mouse High-Speed Double-Start ACME Threads
|
Glenair, Inc.
|
FZE1658 Q67000-A8361 FZE1658G |
Input protection against 2000 V burst/500 V surge pulse according to IEC 801 4/5. Input characteristic according to IEC 65 A. type 2 (24 V DC). Digital filter. Serial in/out for easy cascading. Low power dissipation. SMD package. 8 x Digital Sensor Interface SPECIALTY ANALOG CIRCUIT, PDSO24
|
SIEMENS AG
|
142-06J08SL 144-06J12L 143-16J12SL 142-06J08L 143- |
RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.22 uH - 0.248 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.193 uH - 0.306 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.638 uH - 0.801 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.275 uH - 0.355 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.315 uH - 0.423 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.115 uH - 0.121 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.382 uH - 0.422 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, RoHS UNSHIELDED, 0.391 uH - 0.493 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.355 uH - 0.477 uH, VARIABLE INDUCTOR RF inductor, tunable, Carbonyl J core, shielded, RoHS SHIELDED, 0.693 uH - 0.846 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
144-06J12S 143-16J12S 144-10J12S 143-09J12 143-13J |
NOT RoHS. RF inductor, tunable, Carbonyl J core, shielded (add L" for compliant version)" SHIELDED, 0.154 uH - 0.196 uH, VARIABLE INDUCTOR NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.193 uH - 0.306 uH, VARIABLE INDUCTOR NOT RoHS. RF inductor, tunable, Carbonyl J core, shielded (add L" for compliant version)" SHIELDED, 0.638 uH - 0.801 uH, VARIABLE INDUCTOR NOT RoHS. RF inductor, tunable, Carbonyl J core, shielded (add L" for compliant version)" SHIELDED, 0.27 uH - 0.295 uH, VARIABLE INDUCTOR NOT RoHS. RF inductor, tunable, Carbonyl J core (add 'L for compliant version)" UNSHIELDED, 0.404 uH - 0.693 uH, VARIABLE INDUCTOR
|
Coilcraft, Inc. COILCRAFT INC
|
|